Part Number Hot Search : 
ON2901 T01S224F DTU15P03 HDN1131G C847A G1000 04N15 ICS85
Product Description
Full Text Search
 

To Download NX1255GB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX1255GB
n Features
A small surface-mount type crystal unit, ideal for an engine control CPU clock; delivering the high reliability that is particularly demanded by car electronics. (NX1255GB : 12.0 x 5.5 x 2.5mm typ.) lStable start-up characteristic even under extremely severe environmental conditions. lExcellent environmental characteristics, including heat, vibration and shock resistance. lCompatible with low frequencies starting from 3.5MHz. lLead-free. Meets the requirements for re-flow profiling using lead-free solder. lConforms to AEC-Q200.
For Car Electronics
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX1255GB 3.5 to 25MHz Fundamental 50 x 10-6 150 x 10-6 -40 to +125 Refer to *1 50W(Max:500W) 12pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX1255GB-16.000M-STD-CSS-3
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
mm
11.80.15 5.5 0.15
*1 Equivalent Series Resistance Frequency (MHz) (Range) 3.5 to 4 4 to 8 8 to 12 12 to 25
#1 #2
Equivalent Series Resistance max.[] 200 180 120 80
Internal connections(TOP VIEW)
#4 #3
2.50.15
5.08 2.0 1.5 #1 #2
Reference land pattern
2.2 4.4 2.4
#4
#3 5.08
cu38_071108_NX1255GB_e1


▲Up To Search▲   

 
Price & Availability of NX1255GB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X